Part Number Hot Search : 
12332 A5201 MCM6227B BRS340 120N6 53020C 5VCTT CXA16
Product Description
Full Text Search
 

To Download MM5Z2V4T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM5Z2V4T1 SERIES Zener Voltage Regulators
200 mW SOD-523 Surface Mount
This series of Zener diodes is packaged in a SOD-523 surface mount package. They are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.
Specification Features:
http://onsemi.com
* Standard Zener Breakdown Voltage Range - 2.4 V to 75 V * Steady State Power Rating of 200 mW * Small Body Outline Dimensions:
0.047 x 0.032 (1.20 mm x 0.80 mm)
1 Cathode
2 Anode
* Low Body Height: 0.028 (0.7 mm) * ESD Rating of Class 3 (>16 kV) per Human Body Model * Pb-Free Packages are Available
Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic Epoxy Meets UL 94 V-0 LEAD FINISH: 100% Matte Sn (Tin) MOUNTING POSITION: Any QUALIFIED MAX REFLOW TEMPERATURE: 260C Device Meets MSL 1 Requirements
2 1
SOD-523 CASE 502 PLASTIC
MARKING DIAGRAM
1
xx M G G
2
MAXIMUM RATINGS
Rating Total Device Dissipation FR-5 Board, @ TA = 25C Junction and Storage Temperature Range Symbol PD TJ, Tstg Max 200 -65 to +150 Unit mW C xx = Specific Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation may vary depending upon manufacturing location.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ORDERING INFORMATION
Device MM5ZxxxxT1 MM5ZxxxxT1G Package SOD-523 SOD-523 (Pb-Free) Shipping 3000/Tape & Reel 3000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
DEVICE MARKING INFORMATION
See specific marking information in the device marking column of the Electrical Characteristics tables starting on page 3 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2005
1
November, 2005 - Rev. 5
Publication Order Number: MM5Z2V4T1/D
MM5Z2V4T1 SERIES
ELECTRICAL CHARACTERISTICS
(TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types) Symbol VZ IZT ZZT IZK ZZK IR VR IF VF QVZ C Parameter Reverse Zener Voltage @ IZT Reverse Current Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK Reverse Leakage Current @ VR Reverse Voltage Forward Current Forward Voltage @ IF Maximum Temperature Coefficient of VZ Max. Capacitance @VR = 0 and f = 1 MHz VZ VR IR VF IZT V IF I
Zener Voltage Regulator
100
80 POWER DISSIPATION (%)
60
40
20 0
0
25
50
75
100
125
150
TEMPERATURE (C)
Figure 1. Steady State Power Derating
http://onsemi.com
2
MM5Z2V4T1 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Zener Voltage (Note 1) VZ (Volts) Min 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 14.3 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 Nom 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13.25 15 16.2 18 20 22 24.2 27 30 33 36 39 43 47 51 56 62 68 75 Max 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 @ IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 Zener Impedance ZZT @ IZT W 100 100 100 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 ZZK @ IZK W 1000 1000 1000 1000 1000 1000 1000 800 500 200 100 160 160 160 160 160 160 80 80 80 80 80 100 100 120 300 300 300 500 500 500 500 500 500 500 500 500 mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Leakage Current IR @ VR mA 50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.2 0.1 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 Volts 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 7.0 8.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.2 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5 QVZ (mV/k) @ IZT Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 37.6 42.0 46.6 52.2 58.8 65.6 73.4 Max 0 0 0 0 0 -2.5 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10 11 13 14 16 18 20 22 25.3 29.4 33.4 37.4 41.2 46.6 51.8 57.2 63.8 71.6 79.8 88.6 C @ VR = 0 f = 1 MHz pF 450 450 450 450 450 450 450 260 225 200 185 155 140 135 130 130 130 130 120 110 105 100 85 85 80 70 70 70 70 45 40 40 40 40 35 35 35
Device* MM5Z2V4T1 MM5Z2V7T1 MM5Z3V0T1 MM5Z3V3T1 MM5Z3V6T1 MM5Z3V9T1 MM5Z4V3T1 MM5Z4V7T1 MM5Z5V1T1 MM5Z5V6T1 MM5Z6V2T1 MM5Z6V8T1 MM5Z7V5T1 MM5Z8V2T1 MM5Z9V1T1 MM5Z10VT1 MM5Z11VT1 MM5Z12VT1 MM5Z13VT1 MM5Z15VT1 MM5Z16VT1 MM5Z18VT1 MM5Z20VT1 MM5Z22VT1 MM5Z24VT1 MM5Z27VT1 MM5Z30VT1 MM5Z33VT1 MM5Z36VT1 MM5Z39VT1 MM5Z43VT1 MM5Z47VT1 MM5Z51VT1 MM5Z56VT1 MM5Z62VT1 MM5Z68VT1 MM5Z75VT1
Device Marking 00 01 02 05 06 07 08 09 0A 0C 0E 0F 0G 0H 0K 0L 0M 0N 0P 0T 0U 0W 0Z 10 11 12 14 18 19 20 21 1A 1C 1D 1E 1F 1G
1. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25C. *The "G'' suffix indicates Pb-Free package available.
http://onsemi.com
3
MM5Z2V4T1 SERIES
PACKAGE DIMENSIONS
SOD-523 CASE 502-01 ISSUE B
-X- A -Y- B 1 D 2 PL 0.08 (0.003)
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. DIM A B C D J K S MILLIMETERS MIN NOM MAX 1.10 1.20 1.30 0.70 0.80 0.90 0.50 0.60 0.70 0.25 0.30 0.35 0.07 0.14 0.20 0.15 0.20 0.25 1.50 1.60 1.70 MIN 0.043 0.028 0.020 0.010 0.0028 0.006 0.059 INCHES NOM 0.047 0.032 0.024 0.012 0.0055 0.008 0.063 MAX 0.051 0.035 0.028 0.014 0.0079 0.010 0.067
2 TXY
C K J S -T-
SEATING PLANE
SOLDERING FOOTPRINT*
1.40 0.0547 0.40 0.0157
0.40 0.0157
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
MM5Z2V4T1/D


▲Up To Search▲   

 
Price & Availability of MM5Z2V4T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X